Part Number Hot Search : 
SRA1660 020D06E2 HT7039 AN523 BC337 03N60C3 V612ME04 1110F
Product Description
Full Text Search
 

To Download UPC177GR5-9LG-E1-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
PC177GR-9LG, PC339GR-9LG
SINGLE POWER SUPPLY QUAD COMPARATORS
DESCRIPTION The PC177GR-9LG, PC339GR-9LG are quad comparators which are designed to operate for a single power supply. It includes features of low-voltage operation, a common-mode input voltage that range from V- (GND) level, an open collector output, and low current consumption. Furthermore, these products can operate on a split power supply and be used for an extensive comparison of various voltages. The PC177GR-9LG which expands temperature type is suited for wide operating ambient temperature use, and PC339GR-9LG is used for general purposes. A DC parameter selection that is compatible to comparators is also available. PC277GR-9LG, PC277MP-KAA, PC393GR-9LG which are dual types with the same circuit configuration are also available as series of comparators. FEATURES * Input Offset Voltage 1 mV (TYP.) * A wired OR is possible as the open collector is output. * Input Bias Current 20 nA (TYP.) * A low voltage operation is possible. V+ - V-: +2 to +32 V * Voltage Gain 200000 (TYP.) * Pulse Response Time 1.6 s (TYP.) 16 mA (TYP.) * Output Sink Current * Small Package (The mounting area is reduced to half compared to the conventional 14-pin plastic SOP (1.27 mm pitch)) ORDERING INFORMATION
Part Number Selected Grade
Note
Package 14-pin plastic TSSOP (5.72 mm(225)) 14-pin plastic TSSOP (5.72 mm(225)) 14-pin plastic TSSOP (5.72 mm(225)) 14-pin plastic TSSOP (5.72 mm(225)) 14-pin plastic TSSOP (5.72 mm(225)) 14-pin plastic TSSOP (5.72 mm(225)) 14-pin plastic TSSOP (5.72 mm(225)) 14-pin plastic TSSOP (5.72 mm(225))
Package Type * 16 mm wide embossed taping * Pin 1 on draw-out side * 16 mm wide embossed taping * Pin 1 at take-up side * 16 mm wide embossed taping * Pin 1 on draw-out side * 16 mm wide embossed taping * Pin 1 at take-up side * 16 mm wide embossed taping * Pin 1 on draw-out side * 16 mm wide embossed taping * Pin 1 at take-up side * 16 mm wide embossed taping * Pin 1 on draw-out side * 16 mm wide embossed taping * Pin 1 at take-up side
PC177GR-9LG-E1-A PC177GR-9LG-E2-A
Standard Standard DC parameter selection DC parameter selection Standard Standard DC parameter selection DC parameter selection
Note
PC177GR(5)-9LG-E1-A PC177GR(5)-9LG-E2-A PC339GR-9LG-E1-A PC339GR-9LG-E2-A
Note
Note
Note
Note
PC339GR(5)-9LG-E1-A PC339GR(5)-9LG-E2-A
Note
Note
Note Pb-free (This product does not contain Pb in the external electrode and other parts.)
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information.
Document No. G17933EJ3V0DS00 (3rd edition) Date Published December 2007 NS Printed in Japan
2006, 2007
The mark shows major revised points. The revised points can be easily searched by copying an "" in the PDF file and specifying it in the "Find what:" field.
PC177GR-9LG, PC339GR-9LG
EQUIVALENT CIRCUIT (1/4 Circuit)
V+ 100 A 100 A
OUT2 1 2 3 4 5 6 7 2 -+ 3 -+ 1 -+ 4 -+ 14 13 12 11 10 9 8 OUT3 OUT4 V- IN4 II4 IN3 II3 OUT1
PIN CONFIGURATION (Marking side)
IN
+
Q2 Q1
Q3 Q4 Q8 Q7 OUT
V+ II1 IN1 II2 IN2
II
-
Q5
Q6
V-
ABSOLUTE MAXIMUM RATINGS (TA = 25C)
Parameter
+ - Note1
Symbol
+ -
PC177GR-9LG, PC177GR(5)-9LG
PC339GR-9LG, PC339GR(5)-9LG
Unit
Voltage between V and V Differential Input Voltage Input Voltage
Note2
V -V VID VI
-0.3 to +36 36 V - 0.3 to V + 36 V - 0.3 to V + 36 550 Indefinite -40 to +125 -55 to +150 -40 to +85 -55 to +125
+
- - - -
V V V V mW s C C
Output applied Voltage Total Power Dissipation
Note3 Note4 Note5
VO PT tS TA Tstg
Output Short Circuit Duration (vs. GND) Operating Ambient Temperature Storage Temperature
Note1. Note that reverse connections of the power supply may damage ICs. 2. The input voltage is allowed to input without damage or destruction independent of the magnitude of V . Either input signal is not allowed to go negative by more than 0.3 V. In addition, the input voltage that operates normally as a comparator is within the Common Mode Input Voltage range of an electrical characteristic. 3. A range where input voltage can be applied to an output pin externally with no deterioration or damage to the feature (characteristic). The input voltage can be applied regardless of the electric supply voltage. This specification which includes the transition state such as electric power ON/OFF must be kept. 4. This is the value of when the glass epoxy substrate (size: 100 mm x 100 mm, thickness: 1 mm, 15% of the substrate area where only one side is copper foiled is filling wired) is mounted. Note that restrictions will be made to the following conditions for each product, and the derating ratio depending on the operating ambient temperature.
PC177GR-9LG: Derate at -7.0 mW/C when TA > 71C.
(Junction - ambient thermal resistance Rth(J-A) = 144C/W)
PC339GR-9LG: Derate at -7.0 mW/C when TA > 46C.
(Junction - ambient thermal resistance Rth(J-A) = 144C/W) 5. Short circuits from the output to V can cause destruction. Pay careful attention to the total power dissipation not to exceed the absolute maximum ratings, Note 4.
+
2
Data Sheet G17933EJ3V0DS
PC177GR-9LG, PC339GR-9LG
RECOMMENDED OPERATING CONDITIONS
Parameter Power Supply Voltage (Split) Power Supply Voltage (V = GND)
-
Symbol V V
+
MIN. 1 +2
TYP.
MAX. 16 +32
Unit V V
ELECTRICAL CHARACTERISTICS
PC177GR-9LG, PC339GR-9LG (TA = 25C, V+ = +5 V, V- = GND)
Parameter Input Offset Voltage Input Offset Current Input Bias Current Voltage Gain Circuit Current
Note2 Note1
Symbol VIO IIO IB AV ICC VICM VOL IO SINK IO LEAK
Conditions VO = 1.4 V, VREF = 1.4 V, RS = 0 VO = 1.4 V VO = 1.4 V RL = 15 k RL = , IO = 0 A
MIN.
TYP. 1 5 20 200000 1.1
MAX. 5 50 250
Unit mV nA nA
2 V - 1.5
+
mA V V mA nA
Common Mode lnput Voltage Range Output Saturation Voltage Output Sink Current Output Leakage Current Pulse Response Time
Note3
0 VIN (-) = +1 V, VIN (+) = 0 V, IO SINK = 4 mA VIN (-) = +1 V, VIN (+) = 0 V, VO 1.5 V VIN (+) = +1 V, VIN (-) = 0 V, VO = 5 V RL = 5.1 k, VRL = 5 V, 6 0.2 16 0.1 1.6
0.4
s
PC177GR(5)-9LG, PC339GR(5)-9LG (TA = 25C, V+ = +5 V, V- = GND)
Parameter Input Offset Voltage Input Offset Current Input Bias Current Voltage Gain Circuit Current
Note2 Note1
Symbol VIO IIO IB AV ICC VICM VOL1 VOL2
Conditions VO = 1.4 V, VREF = 1.4 V, RS = 0 VO = 1.4 V VO = 1.4 V RL = 15 k RL = , IO = 0 A
MIN.
TYP. 1 5 20 200000 1.1
MAX. 2.5 50 60
Unit mV nA nA
1.2 V - 1.4 0.2 1.5
+
mA V V V mA
Common Mode lnput Voltage Range Output Saturation Voltage
0 VIN (-) = +1 V, VIN (+) = 0 V, IO SINK = 4 mA VIN (-) = +1 V, VIN (+) = 0 V, IO SINK = 10 mA VIN (-) = +1 V, VIN (+) = 0 V, VO 1.5 V VIN (+) = +1 V, VIN (-) = 0 V, VO = 5 V RL = 5.1 k, VRL = 5 V, 10 16 0.1 1.6
Output Sink Current Output Leakage Current Pulse Response Time
Note3
IO SINK IO LEAK
100
nA
s
Notes1. The input bias current flows in the direction where the IC flows out because the first stage is configured with a PNP transistor. In addition, the value of this item is a value of when the differential amplified circuit of the input stage is balanced. When the comparator is active, then twice the amount of current will flow to a pin with low potential. 2. This is a current that flows in the internal circuit. This current will flow irrespective of the channel used. 3. This is the value when input oscillation is 100 mV and the over drive is 5 mV. If the amount of over drive is increased then the response time can be cut down.
Data Sheet G17933EJ3V0DS
3
PC177GR-9LG, PC339GR-9LG
TYPICAL APPLICATION CIRCUIT EXAMPLE
V+
4, 6, 8, 10 VIN
RL - 3 OUTPUT 1, 2, 13, 14 12
5, 7, 9, 11 VREF
+
VREF: V- to V+ - 1.5 (V)
Comparator with hysteresis
V+
VRL
RL INPUT - OUTPUT + R2 VREF
R1
* Threshold voltage VTH (High) VREF + VTH (Low) VREF - R1 (VRL - VREF) RL + R2 + R1 R1 (VREF - VOL) R1 + R2
(VRL > VREF > VOL)
4
Data Sheet G17933EJ3V0DS
PC177GR-9LG, PC339GR-9LG
TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25C, TYP.) (Reference value)
PT vs. TA ICC vs. V+ 3 ICC - Supply Current - mA
1000
PT - Total Power Dissipation - mW
800 600
With 100 mm x 100 mm, thickness 1 mm glass epoxy substrate (refer to "ABSOLUTE MAXIMUM RATINGS Note 4" )
2.5 2 1.5 1 0.5 0
RL = IO = 0 A TA = -40C 25C 125C
P
400 200 0 0 20 40
C3
P 39 GR -9
C1
77
GR
LG
-9
LG
60
80
100
120
140
0
10
20
30
40
TA - Operating Ambient Temperature - C
V+ - Power Supply Voltage - V (V- = GND)
VIO vs. TA 2 VIO - Input Offset Voltage - mV V+ = +5 V, V- = GND each 5 samples data 1 30
IB vs. V
+
IB - Input Bias Current - nA
20
0
10
-1
-2 -50 0 50 100 150 TA - Operating Ambient Temperature - C
0 0
+
10
20
30
-
40
V - Power Supply Voltage - V (V = GND)
IB vs. TA 40 VOL - Output Saturation Voltage - V V = +15 V IB - Input Bias Current - nA V- = GND 30
+
VOL vs. IO SINK 10 V+ = +15 V
V+
1
V+ /2
- +
IO SINK VO
20
0.1
10
0.01
TA = 125C 25C -40C
0 -50 0 50 100 150 TA - Operating Ambient Temperature - C
0.001 0.01
0.1
1
10
100
IO SINK - Output Sink Current - mA
Data Sheet G17933EJ3V0DS
5
PC177GR-9LG, PC339GR-9LG
PULSE RESPONSE I (OUTPUT FALL) VIN - Input Voltage - V VO - Output Voltage - V VIN - Input Voltage - V VO - Output Voltage - V PULSE RESPONSE II (OUTPUT RISE)
5 4 3 2 1 0 100 50 0 -50 -100
Overdrive 5 mV +5 V 20 mV 100 mV VI
- +
5 4 3 2 1 0 100 50 0 -50 -100
Overdrive 100 mV +5 V 20 mV 5 mV VI
- +
5.1 k VO
5.1 k VO
Overdrive 100 mV
Overdrive 5 mV
20 mV 5 mV
20 mV 100 mV
0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2
t - time - s
0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2
t - time - s
6
Data Sheet G17933EJ3V0DS
PC177GR-9LG, PC339GR-9LG
PRECAUTIONS FOR USE
O The process of unused circuits If there is an unused circuit, the following connection is recommended.
Process example of unused circuits
V+
+ - To potentials within the range of common-mode input voltage (VICM) V- V-
OUT (open)
O Ratings of input/output pin voltage When the voltage of input/output pin exceeds the absolute maximum rating, it may cause degradation of characteristics or damages, by a conduction of a parasitic diode within an IC. In addition, when the input/output pin may be lower than V-, it is recommended to make a clump circuit by a diode whose forward voltage is low (e.g.: Schottky diode) for protection.
O Range of common-mode input voltage When the supply voltage does not meet the condition of electrical characteristics, the range of common-mode input voltage is as follows. VICM (TYP.): V- to V+ - 1.5 (V) (TA = 25C) During designing, temperature characteristics for use with allowance.
O Range of Input Current The "Input Bias Current [IB]" of the electric feature specification list is specified in accordance with the operation amplifier. It is an average value of the current that flows in the +input pin [IN] and the -input pin [II] when the differential amplified circuit of an input stage is balanced (negative feedback is provided). Therefore, because the differential amplified circuit of the input stage will not be balanced during comparison (when comparator is active), the input current will flow, with twice the amount of current, to a pin with low potential.
O Handling of ICs When stress is added to ICs due to warpage or bending of a board, the characteristic fluctuates due to piezoelectric effect. Therefore, pay attention to warpage or bending of a board.
Data Sheet G17933EJ3V0DS
7
PC177GR-9LG, PC339GR-9LG
PACKAGE DRAWING (Unit: mm)
14-PIN PLASTIC TSSOP (5.72mm (225))
D D1 detail of lead end
A3 14 8 c
1 7
L Lp
(UNIT:mm)
ZD b x
M
e S
ITEM D D1 E HE
DIMENSIONS 5.150.15 5.000.10 4.400.10 6.400.20 1.20 MAX. 0.100.05 1.000.05 0.25 +0.06 0.24 -0.05 0.1450.055 0.50 0.600.15 1.000.20 3 +5 -3 0.65 0.10 0.10 0.625 P14GR-65-9LG
HE A A2 S E L1
A A1 A2 A3 b c L Lp L1
y
S
A1
NOTE Each lead centerline is located within 0.10mm of its true position at maximum material condition.
e x y ZD
8
Data Sheet G17933EJ3V0DS
PC177GR-9LG, PC339GR-9LG
RECOMMENDED SOLDERING CONDITIONS The PC177GR-9LG, PC339GR-9LG should be soldered and mounted under the following recommended conditions. For soldering methods and conditions other than those recommended below, contact an NEC Electronics sales representative. For technical information, see the following website. Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Type of Surface Mount Device
PC177GR-9LG-A PC339GR-9LG-A
Process Infrared ray reflow
Note Note
, PC177GR(5)-9LG-A , PC339GR(5)-9LG-A
Note Note
, : 14-pin plastic TSSOP (5.72 mm (225))
Conditions Symbol IR60-00-3
Peak temperature: 260C, Reflow time: 60 seconds or less (at 220C or higher), Maximum number of reflow processes: 3 times.
Wave soldering
Solder temperature: 260C or below, Flow time: 10 seconds or less, Maximum number of flow processes: 1 time, Pre-heating temperature: 120C or below (Package surface temperature).
WS60-00-1
Partial heating method
Pin temperature: 350C or below, Heat time: 3 seconds or less (Per each side of the device).
P350
Note Pb-free (This product does not contain Pb in external electrode and other parts.) Caution Apply only one kind of soldering condition to a device, except for "partial heating method", or the device will be damaged by heat stress. Remark Flux: Rosin flux with low chlorine (0.2 Wt% or below) recommended. REFERENCE DOCUMENTS
Document Name QUALITY GRADES ON NEC SEMICONDUCTOR DEVICES SEMICONDUCTOR DEVICE MOUNT MANUAL NEC SEMICONDUCTOR DEVICE RELIABILITY/QUALITY CONTROL SYSTEM-STANDARD LINEAR IC REVIEW OF QUALITY AND RELIABILITY HANDBOOK NEC SEMICONDUCTOR DEVICE RELIBIALITY/QUALITY CONTROL SYSTEM C12769E C10983E C11531E http://www.necel.com/pkg/en/mount/index.html IEI-1212 Document No.
Data Sheet G17933EJ3V0DS
9
PC177GR-9LG, PC339GR-9LG
* The information in this document is current as of December, 2007. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC Electronics data sheets or data books, etc., for the most up-to-date specifications of NEC Electronics products. Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Electronics. NEC Electronics assumes no responsibility for any errors that may appear in this document. * NEC Electronics does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC Electronics products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Electronics or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of a customer's equipment shall be done under the full responsibility of the customer. NEC Electronics assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC Electronics endeavors to enhance the quality, reliability and safety of NEC Electronics products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC Electronics products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment and anti-failure features. * NEC Electronics products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to NEC Electronics products developed based on a customerdesignated "quality assurance program" for a specific application. The recommended applications of an NEC Electronics product depend on its quality grade, as indicated below. Customers must check the quality grade of each NEC Electronics product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support). "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC Electronics products is "Standard" unless otherwise expressly specified in NEC Electronics data sheets or data books, etc. If customers wish to use NEC Electronics products in applications not intended by NEC Electronics, they must contact an NEC Electronics sales representative in advance to determine NEC Electronics' willingness to support a given application. (Note) (1) "NEC Electronics" as used in this statement means NEC Electronics Corporation and also includes its majority-owned subsidiaries. (2) "NEC Electronics products" means any product developed or manufactured by or for NEC Electronics (as defined above).
M8E 02. 11-1


▲Up To Search▲   

 
Price & Availability of UPC177GR5-9LG-E1-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X